Part Number Hot Search : 
CRCW0402 TC572502 01J100 UPD17051 AP1332EU 5TRPB BA1087 CS842
Product Description
Full Text Search
 

To Download 189HS038XW2110K-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 for Helical Convoluted Tubing to be used with MIL-DTL-38999 Series III & IV Fiber Optic Connectors
189 H S 038 XW 17 16 K-D
Product Series Connector Designator H = MIL-DTL-38999 Series III & IV Angular Function S = Straight T = 45 Elbow W = 90 Elbow Basic Number Finish Symbol (Table III)
2.00 (50.8)
189-038 Composite Connector Backshell Adapter
Conduit and Conduit Systems
A Thread
G
D = With Black Dacron Overbraid (Omit for None K = PEEK (Omit for PFA, ETFE or FEP) Tubing Size Dash No. (See Table I) Shell Size (See Table II)
ONE PIECE SET UP
2.00 (50.8)
120-100 Convoluted Tubing shown for reference only. For Dacron Overbraiding, see Glenair P/N 120-103.
Tubing I.D.
J
S - STRAIGHT
E
F
W - 90
H
T - 45
Knurl or Flute Style Mfr Option
(c) 2006 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com J-6
for Helical Convoluted Tubing to be used with MIL-DTL-38999 Series III & IV Fiber Optic Connectors
TABLE I: TUBING SIZE
Dash No. 06 09 10 12 14 16 20 24 28 32 40 48 Conduit I.D. .188 (4.8) .281 (7.1) .312 (7.9) .375 (9.5) .437 (11.1) .500 (12.7) .625 (15.9) .750 (19.1) .875 (22.2) 1.000 (25.4) 1.250 (31.8) 1.500 (38.1) J Dia Max .790 (20.1) .985 (25.0) .985 (25.0) 1.035 (26.3) 1.100 (27.9) 1.160 (29.5) 1.285 (32.6) 1.480 (37.6) 1.670 (42.4) 1.720 (43.7) 2.100 (53.3) 2.420 (61.5) SYM XM XW XO
TABLE III: FINISH
MATERIAL Composite Composite Composite FINISH Electroless Nickel Cadmium Plate/Olive Drab over Electroless Nickel No Plating-Base Composite
TABLE II: SHELL SIZE
Shell Size 11 13 15 17 19 21 23 25 A Thread ISO Metric M15 x 1 - 6H M18 x 1 - 6H M22 x 1 - 6H M25 x 1 - 6H M28 x 1 - 6H M31 x 1 - 6H M34 x 1 - 6H M37 x 1 - 6H E +.060 (1.5) .750 (19.1) .750 (19.1) .760 (19.3) .780 (19.8) .790 (20.1) .820 (20.8) .860 (21.8) .890 (22.6) F +.090 (2.3) .950 (24.1) 1.020 (25.9) 1.050 (26.7) 1.070 (27.2) 1.080 (27.4) 1.110 (28.2) 1.150 (29.2) 1.180 (30.0) G +060 (1.5) .750 (19.1) .810 (20.6) .880 (22.4) .940 (23.9) .970 (24.6) 1.060 (26.9) 1.130 (28.7) 1.190 (30.2) H +090 (2.3) 1.160 (29.5) 1.220 (31.0) 1.290 (32.8) 1.350 (34.3) 1.380 (35.1) 1.470 (37.3) 1.540 (39.1) 1.730 (43.9) Max Entry Max Tubing Size 12 16 20 24 28 32 32 40
APPLICATION NOTES
1. Material/ Finish: Adapter, Elbow- High Grade Engineering Thermoplastic/ See Table III. Coupling and Compression Nuts- High Grade Engineering Thermoplastic/ N.A. O- Ring- Fluorosilicone or Silicone/ N.A. Anti- Rotation device: Corrosion resistant material. 2. Metric Dimensions are in parentheses and are for reference only.
(c) 2006 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com J-7
Conduit and Conduit Systems
189-038 Composite Connector Backshell Adapter


▲Up To Search▲   

 
Price & Availability of 189HS038XW2110K-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X